PART |
Description |
Maker |
DMC16249UB DMC16249 |
SENS ACCLRMTR 5G TEMP COMP LCD Module Specification
|
Optrex America, Inc. OPTREX[OPTREX CORPORATION]
|
1485EZC12 1485BZC12 1485EZ12 |
Tron?ons de rotation de 12 po
|
Hammond Manufacturing Ltd. Hammond Manufacturing L...
|
EVM-3VSX50B14 EVM-3VSX50B15 |
3 mm Square SMT Trimmer Potentiometers with the rotation stopper (Cermet, Open Frame Type) 3 mm square SMT Trimmer Portentiomerters with rotation stopper (cermet, open frame type)
|
Panasonic Semiconductor
|
POTH12 POTH121472A330B POTH121472C330B POTH121472D |
Single-Turn Continuous Rotation Analog Displacement Sensors
|
Vishay Siliconix
|
CY30 |
Sensor interface for an inductive engine wheel speed single rotation sensor
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] BOSCH
|
GMRC6 |
Giant Magneto Resistive Position Sensor(磁场传感 巨磁电阻位置传感器(磁场传感器) From old datasheet system Giant Magneto Resistive Position Sens...
|
Infineon Technologies AG
|
Q67006-A9171 TLE4921-3U |
Dynamic Differential Hall Effect Sensor IC(动态差分霍尔效应传感器芯片) Dynamic Differential Hall Effect Sens...
|
INFINEON[Infineon Technologies AG]
|
TA8440H TA8440HQ TA8440 TA8440F |
DC MOTOR FULL BRIDGE DRIVER F TYPE: UNDER DEVELOPMENT Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
ECW1J-B24-BC0024L ECW0J-J24-BC0006L ECW1D-B36-BC00 |
Digital Contacting Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE ENCODER-DIGITAL CONTACTING SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Encoders Digital Contacting Bushing Mount SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: No
|
Bourns Electronic Solutions Bourns Inc. Bourns, Inc. Cypress Semiconductor, Corp. Harwin PLC Bourns Electronic Solut...
|
605SJR00375E-T 605SJR00500E-T |
RES CURRENT SENSE .00375 OHM .5W RESISTOR, CURRENT SENSE, METAL STRIP, 0.5 W, 5 %, 100 ppm, 0.00375 ohm, SURFACE MOUNT RES CURRENT SENS .005 OHM .5W 5% RESISTOR, CURRENT SENSE, METAL STRIP, 0.5 W, 5 %, 100 ppm, 0.005 ohm, SURFACE MOUNT
|
Ohmite Mfg. Co.
|